| データシートサーチシステム |
|
ICS950508 データシート(PDF) 4 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS950508 データシート(HTML) 4 Page - Integrated Circuit Systems |
|
4 / 19 page ![]() 4 Integrated Circuit Systems, Inc. ICS950508 0470E—04/06/05 Byte 0: Functionality and frequency select register (Default=0) Notes: 1. Default at power-up will be for latched logic inputs to define frequency, as displayed by Bit 3. t i B n o i t p i r c s e D D W P t i B ) 4 : 7 , 2 ( 2 t i B7 t i B6 t i B5 t i B4 t i B K L C U P C z H M M A R D S z H M 6 6 V 3 z H M K L C I C P z H M C I P A O I z H M 1 e t o N 4 S F3 S F2 S F1 S F0 S F 000 0 0 3 4 . 6 65 6 . 9 93 4 . 6 61 2 . 3 31 6 . 6 1 000 0 1 0 0 . 0 60 0 . 0 90 0 . 0 60 0 . 0 30 0 . 5 1 000 1 0 0 8 . 6 60 2 . 0 0 10 8 . 6 60 4 . 3 30 7 . 6 1 000 1 1 3 3 . 8 60 5 . 2 0 13 3 . 8 67 1 . 4 38 0 . 7 1 00 1 0 0 0 0 . 0 70 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 00 1 0 1 0 0 . 5 70 5 . 2 1 10 0 . 5 70 5 . 7 35 7 . 8 1 00 1 1 0 0 0 . 0 80 0 . 0 2 10 0 . 0 80 0 . 0 40 0 . 0 2 00 1 1 1 0 0 . 3 80 5 . 4 2 10 0 . 3 80 5 . 1 45 7 . 0 2 01 0 0 0 5 6 . 9 95 6 . 9 93 4 . 6 61 2 . 3 31 6 . 6 1 01 0 0 1 0 0 . 0 90 0 . 0 90 0 . 0 60 0 . 0 30 0 . 5 1 01 0 1 0 3 2 . 0 0 13 2 . 0 0 14 8 . 6 61 4 . 3 30 7 . 6 1 01 0 1 1 0 0 . 3 0 10 0 . 3 0 17 6 . 8 63 3 . 4 37 1 . 7 1 01 1 0 0 0 0 . 5 0 10 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 01 1 0 1 0 0 . 0 1 10 0 . 0 1 13 3 . 3 77 6 . 6 33 3 . 8 1 01 1 1 0 0 0 . 5 1 10 0 . 5 1 17 6 . 6 73 3 . 8 37 1 . 9 1 01 1 1 1 0 0 . 0 0 20 0 . 0 0 23 3 . 3 3 16 6 . 6 63 3 . 3 3 10 0 0 0 6 8 . 2 3 16 8 . 2 3 13 4 . 6 61 2 . 3 31 6 . 6 1 10 0 0 1 7 6 . 6 6 17 6 . 6 6 14 3 . 3 87 6 . 1 43 8 . 0 2 10 0 1 0 4 6 . 3 3 14 6 . 3 3 12 8 . 6 61 4 . 3 30 7 . 6 1 10 0 1 1 0 0 . 7 3 10 0 . 7 3 10 5 . 8 65 2 . 4 33 1 . 7 1 10 1 0 0 0 0 . 0 4 10 0 . 0 4 10 0 . 0 70 0 . 5 30 5 . 7 1 10 1 0 1 0 0 . 5 4 10 0 . 5 4 10 5 . 2 75 2 . 6 33 1 . 8 1 10 1 1 0 0 0 . 0 5 10 0 . 0 5 10 0 . 5 70 5 . 7 35 7 . 8 1 10 1 1 1 0 0 . 0 6 10 0 . 0 6 10 0 . 0 80 0 . 0 40 0 . 0 2 11 0 0 0 6 8 . 2 3 15 6 . 9 93 9 . 6 61 2 . 3 31 6 . 6 1 11 0 0 1 7 6 . 6 6 10 0 . 5 2 14 3 . 3 87 6 . 1 43 8 . 0 2 11 0 1 0 4 6 . 3 3 13 2 . 0 0 12 8 . 6 61 4 . 3 37 . 6 1 11 0 1 1 0 0 . 7 3 15 7 . 2 0 10 5 . 8 65 2 . 4 33 1 . 7 1 111 0 0 0 0 . 0 4 10 0 . 5 0 10 0 . 0 70 0 . 5 30 5 . 7 1 111 0 1 0 0 . 5 4 15 7 . 8 0 10 5 . 2 75 2 . 6 33 1 . 8 1 111 1 0 0 0 . 0 5 10 5 . 2 1 10 0 . 5 70 5 . 7 35 7 . 8 1 111 1 1 0 0 . 0 6 10 0 . 0 2 10 0 . 0 80 0 . 0 40 0 . 0 2 3 t i B s t u p n i d e h c t a l , t c e l e s e r a w d r a h y b d e t c e l e s s i y c n e u q e r F - 0 4 : 7 , 2 t i B y b d e t c e l e s s i y c n e u q e r F - 1 0 1 t i B l a m r o N - 0 d a e r p S r e t n e C % 5 3 . 0 ± e l b a n e m u r t c e p s d a e r p S - 1 1 0 t i B g n i n n u R - 0 s t u p t u o ll a e t a t s i r T - 1 0 |