データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZWIR4532 データシート(PDF) 1 Page - Integrated Device Technology

部品番号 ZWIR4532
部品情報  Low Power 6LoWPAN Communication Module
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

ZWIR4532 データシート(HTML) 1 Page - Integrated Device Technology

  ZWIR4532 Datasheet HTML 1Page - Integrated Device Technology ZWIR4532 Datasheet HTML 2Page - Integrated Device Technology ZWIR4532 Datasheet HTML 3Page - Integrated Device Technology ZWIR4532 Datasheet HTML 4Page - Integrated Device Technology ZWIR4532 Datasheet HTML 5Page - Integrated Device Technology ZWIR4532 Datasheet HTML 6Page - Integrated Device Technology ZWIR4532 Datasheet HTML 7Page - Integrated Device Technology ZWIR4532 Datasheet HTML 8Page - Integrated Device Technology ZWIR4532 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Low Power 6LoWPAN
Communication Module
ZWIR4532
Datasheet
© 2018 Integrated Device Technology, Inc.
1
September 6, 2018
Description
The ZWIR4532 is a programmable low-power secure IPv6
communication module for internet of things (IOT) device networks.
Sensors and devices can operate autonomously or connect to local
or global IPv6 networks using the ZWIR4532. The ZWIR4532
serves as a universal secure radio communication module for
applications with low bandwidth requirements.
The module incorporates an ultra-low-power ARM® Cortex™-M0+
32-bit microcontroller which is running the network stack. In
addition, the user application can run on the microcontroller. This
helps minimizing the size, complexity and overall BOM. A rich set
of digital and analog peripherals is available for interfacing with
external application components. Approximately 128kB of flash
and 4kB of RAM are available for user applications.
IDT offers the SensorShare user programmable royalty-free
6LoWPAN network stack with mesh routing capability for the
ZWIR4532. 6LoWPAN is an Internet Engineering Task Force (IETF)
standard for wireless low-power IPv6-based sensor and device
networks.
Secure communication is provided by a standard-compliant
implementation of the Internet Protocol Security (IPSec) protocol
suite.
Typical Applications
Industrial automation
Home and building automation
Health monitoring
Telemetry
Features
License-free 868/915 MHz frequency bands
4 channels in EU frequency band (865.3 – 868.3 MHz)
10 channels in US frequency band (906 – 924 MHz)
BPSK or O-QPSK modulation selectable
BPSK with 20kBps EU and 40kBps U
ARM® Cortex™-M0+ 32-bit ultra-low-power microcontroller
192kB flash and 20kB RAM
6kByte EEPROM
5 UART interfaces
1 SPI interface
3 I²C interfaces
10 PWM outputs
12 bit ADC with 10 input channels
2 analog comparators
31 GPIOs
Network Stack
UDP/IPv6 communication
Mesh networking with hundreds of nodes
Self-healing defective routes
Over-the-Air update capable
Network layer security
Ultra-low power stop mode: < 1µA with full RAM retention
Supply voltage: 1.8V to 3.3V
-40°C to +85°C ambient operating temperature
15.6 × 12 mm 43-LGA Package
Block Diagram


同様の部品番号 - ZWIR4532

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ZWIR4532 RENESAS-ZWIR4532 Datasheet
1Mb / 17P
Low Power 6LoWPAN Communication Module
June 5, 2019
ZWIR4532-U RENESAS-ZWIR4532-U Datasheet
1Mb / 17P
Low Power 6LoWPAN Communication Module
June 5, 2019
More results

同様の説明 - ZWIR4532

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM1645-30 STMICROELECTRONICS-STM1645-30 Datasheet
43Kb / 6P
RF POWER MODULE SATELLITE COMMUNICATION APPLICATIONS
logo
Motorola, Inc
MPC823UM_REV1_16-CPM7 MOTOROLA-MPC823UM_REV1_16-CPM7 Datasheet
234Kb / 74P
Communication Processor Module
logo
Texas Instruments
CC1180 TI1-CC1180 Datasheet
791Kb / 17P
Sub-1GHz 6LoWPAN Network Processor
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
6LoWPAN, ZigBee Wireless MCU
logo
STMicroelectronics
STEVAL-IHP007V1 STMICROELECTRONICS-STEVAL-IHP007V1 Datasheet
539Kb / 8P
Power line communication module for street lighting
September 2016 Rev 4
STEVAL-IPP003V1 STMICROELECTRONICS-STEVAL-IPP003V1 Datasheet
368Kb / 7P
General purpose xPSK power line communication module
13-Dec-2013
logo
WAGO Kontakttechnik Gmb...
2789-9015 WAGO-2789-9015 Datasheet
130Kb / 5P
Communication module; Modbus RTU; RJ45; communication capability
18.10.2021
2789-9080 WAGO-2789-9080 Datasheet
241Kb / 6P
Communication module; IO-Link; communication capability
18.10.2021
logo
Schneider Electric
VW3A3627 SCHNEIDER-VW3A3627 Datasheet
91Kb / 2P
Profinet communication module
Sep 18, 2021
logo
Renesas Technology Corp
ZWIR4532 RENESAS-ZWIR4532 Datasheet
1Mb / 17P
Low Power 6LoWPAN Communication Module
June 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com