データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM2308 データシート(PDF) 3 Page - Diodes Incorporated

部品番号 PAM2308
部品情報  DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM2308 データシート(HTML) 3 Page - Diodes Incorporated

  PAM2308 Datasheet HTML 1Page - Diodes Incorporated PAM2308 Datasheet HTML 2Page - Diodes Incorporated PAM2308 Datasheet HTML 3Page - Diodes Incorporated PAM2308 Datasheet HTML 4Page - Diodes Incorporated PAM2308 Datasheet HTML 5Page - Diodes Incorporated PAM2308 Datasheet HTML 6Page - Diodes Incorporated PAM2308 Datasheet HTML 7Page - Diodes Incorporated PAM2308 Datasheet HTML 8Page - Diodes Incorporated PAM2308 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PAM2308
Document number: DSxxxxx Rev. 1 - 1
3 of 15
www.diodes.com
January 2013
© Diodes Incorporated
PAM2308
A Product Line of
Diodes Incorporated
Functional Block Diagram
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
These are stress ratings only and functional operation is not implied. Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability. All voltages are with respect to ground.
Parameter
Rating
Unit
Input Voltage
-0.3 to +6.5
V
EN1, FB1, LX1, EN2, FB2 AND LX2 Pin Voltage
-0.3 to (VIN +0.3)
V
Maximum Junction Temperature
150
°C
Storage Temperature Range
-65 to +150
°C
Soldering Temperature
260, 10sec
°C
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Parameter
Rating
Unit
Supply Voltage
2.5 to 5.5
V
Ambient Temperature Range
-40 to +85
°C
Junction Temperature Range
-40 to +125
Thermal Information
Parameter
Symbol
Package
Max
Unit
Thermal Resistance (Junction to Ambient)
θJA
W-DFN3x3-10
60
°C/W
Thermal Resistance (Junction to Case)
θJC
W-DFN3x3-10
8.5
Thermal Resistance (Junction to Case)
PD
W-DFN3x3-10
1.66
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com