データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USBLC6-2P6 データシート(PDF) 9 Page - STMicroelectronics

部品番号 USBLC6-2P6
部品情報  VERY LOW CAPACITANCE ESD PROTECTION
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBLC6-2P6 データシート(HTML) 9 Page - STMicroelectronics

Back Button USBLC6-2P6 Datasheet HTML 3Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 4Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 5Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 6Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 7Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 8Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 9Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 10Page - STMicroelectronics USBLC6-2P6 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
USBLC6-2
9/11
Figure 20: SOT-666 Package Mechanical Data
Figure 19: Ordering Information Scheme
Figure 21: Foot Print Dimensions (in millimeters)
USB
LC
6 - 2
xxx
Product Designation
Low capacitance
Breakdown Voltage
Packages
6 = 6 Volts
2 = 2 lines
SC6 = SOT23-6L
P6 = SOT-666
Number of lines protected
D
bp
e1
e
E
Lp
He
A
U
0.5
0.3
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.50
0.60
0.020
0.024
bp
0.17
0.27
0.007
0.011
c
0.08
0.18
0.003
0.007
D
1.50
1.70
0.060
0.067
E
1.10
1.30
0.043
0.051
e
1.00 typ.
0.040 typ.
e1
0.50 typ.
0.020 typ.
He
1.50
1.70
0.059
0.067
Lp
0.10
0.30
0.004
0.012



Html Pages

1 2 3 4 5 6 7 8 9 10 11