| データシートサーチシステム |
|
MSM5259 データシート(PDF) 3 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM5259 データシート(HTML) 3 Page - OKI electronic componets |
|
3 / 18 page ![]() MSM5259 ¡ Semiconductor 3/18 PIN CONFIGURATION 4 3 2 1 5 6 7 8 9 10 11 12 13 14 39 40 41 42 38 37 36 35 34 33 32 31 30 29 O1 O2 O3 O4 O5 O6 O7 O8 O9 O10 O11 DO40 O40 O39 O38 O37 O36 O35 O34 O33 O32 O31 O12 O30 O13 O29 O14 O28 (Top View) 53 54 55 56 52 51 50 49 48 47 46 45 44 43 18 17 16 15 19 20 21 22 23 24 25 26 27 28 NC NC NC DF LOAD DI CP VDD VSS V2 V3 O15 O16 O17 O18 O19 O20 *(VDD) O21 O22 O23 O24 V5 O25 DO20 O26 DI 21 O27 NC : No connection 56-Pin Plastic QFP (Type L) NC : No connection 56-Pin Plastic QFP (Type K) * Do not connect pin 21 to the other signal pins, because the pin is internally connected to VDD. Do not use pin 21 as a single VDD signal line. It is permissible to use pin 21 for supplying a higher power of VDD. Note : The figure for Type L shows the configuration viewed from the reverse side of the package. Pay attention to the difference in pin arrangement. |