データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY7B952 データシート(PDF) 5 Page - Cypress Semiconductor

部品番号 CY7B952
部品情報  SSTTM SONET/SDH Serial Transceiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7B952 データシート(HTML) 5 Page - Cypress Semiconductor

  CY7B952 Datasheet HTML 1Page - Cypress Semiconductor CY7B952 Datasheet HTML 2Page - Cypress Semiconductor CY7B952 Datasheet HTML 3Page - Cypress Semiconductor CY7B952 Datasheet HTML 4Page - Cypress Semiconductor CY7B952 Datasheet HTML 5Page - Cypress Semiconductor CY7B952 Datasheet HTML 6Page - Cypress Semiconductor CY7B952 Datasheet HTML 7Page - Cypress Semiconductor CY7B952 Datasheet HTML 8Page - Cypress Semiconductor CY7B952 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY7B952
Document #: 38-02018 Rev. *B
Page 5 of 9
Maximum Ratings[1]
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature
..................................... −65°C to +150°C
Ambient Temperature with
Power Applied
.................................................. −55°C to +125°C
Supply Voltage to Ground Potential
.................−0.5V to +7.0V
DC Input Voltage
.................................................−0.5V to +7.0V
Output Current into TTL Outputs (LOW) ..................... 30 mA
Output Current into ECL Outputs (HIGH)
.....................−50 mA
Static Discharge Voltage............................................ >2001V
(per MIL-STD-883, Method 3015)
Latch-up Current...................................................... >200 mA
Operating Range
Range
Ambient Temperature[2]
VCC
Commercial
0
°C to +70°C
5V
± 10%
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Condition
Min.
Max.
Unit
TTL-compatible Input Pins (LOOP, REFCLK+, REFCLK–)
VIHT
Input HIGH Voltage
2.0
VCC
V
VILT
Input LOW Voltage
−0.5
0.8
V
IIHT
Input HIGH Current
REFCLK
VIN=VCC
+0.5
+200
µA
IIHT
Input HIGH Current
LOOP
VIN=VCC
−10
+10
µA
IILT
Input LOW Current
REFCLK
VIN=0.0V
−50
+50
µA
IILT
Input LOW Current
LOOP
VIN=0.0V
−500
µA
TTL Compatible Output Pins (LFI)
VOHT
Output HIGH Voltage
IOH=–2 mA
2.4
V
VOLT
Output LOW Voltage
IOL=4 mA
0.45
V
IOST
Output Short Circuit Current
VOUT=0V
[3]
−15
−90
mA
ECL Compatible Input Pins (REFCLK
±, CD, TSER±, RIN±)
IIHE
ECL Input HIGH Current
REFCLK/CD
VIN=VIHE(MAX)
+250
µA
TSER/RIN
VIN=VIHE(MAX)
+750
µA
IILE
[4]
ECL Input LOW Current
REFCLK/CD
VIN=VILE(MIN)
+0.5
µA
TSER/RIN
VIN=VILE(MIN)
−200
µA
VIDIFF
Input Differential Voltage
TSER/RIN
50
1200
mV
REFCLK
100
1200
mV
VIHE
Input High Voltage
TSER/RIN
VCC
V
REFCLK
3.0
VCC
V
CD
VCC − 1.165
VCC
V
VILE
Input LOW Voltage
TSER/RIN
2.0
V
REFCLK
2.5
V
CD (ECL)
2.5
VCC − 1.475
V
CD (Disable)
−0.5
0.8
V
ECL Compatible Output Pins (ROUT
±, RCLK±, RSER±, TOUT±, TCLK±)
VOHE
ECL Output HIGH Voltage
VCC − 1.03
VCC − 0.83
V
VOLE
ECL Output LOW Voltage
T > 0°C
VCC − 1.86
VCC − 1.62
V
VODIFF
Output Differential Voltage
0.6
V
Notes:
1. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power-up.
2. TA is the “instant on” case temperature.
3. Tested one output at a time, output shorted for less than one second, less than 10% duty cycle.
4. Input currents are always positive at all voltages above VCC/2.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com