データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ZXLD1370 データシート(PDF) 27 Page - Diodes Incorporated

部品番号 ZXLD1370
部品情報  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1370 データシート(HTML) 27 Page - Diodes Incorporated

Back Button ZXLD1370_16 Datasheet HTML 23Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 24Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 25Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 26Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 27Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 28Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 29Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 30Page - Diodes Incorporated ZXLD1370_16 Datasheet HTML 31Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
ZXLD1370
Document number: DS32165 Rev. 6 - 2
27 of 40
www.diodes.com
December 2016
© Diodes Incorporated
ZXLD1370
Application Information (Cont.)
PWM Output Current Control & Dimming
The ZXLD1370 has a dedicated PWM dimming input that allows a wide dimming frequency range from 100Hz to 1kHz with up to 1000:1
resolution; however higher dimming frequencies can be used
– at the expense of dimming dynamic range and accuracy.
Typically, for a PWM frequency of 1kHz, the error on the current linearity is lower than 5%; in particular the accuracy is better than 1% for PWM
from 5% to 100%. This is shown in the graph below:
Buck mode - L=33uH - Rs = 150mΩ - PWM @ 1kHz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
10
20
30
40
50
60
70
80
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @ 1kHz
Error
Figure 28 LED Current Linearity and Accuracy with PWM Dimming at 1kHz
For a PWM frequency of 100Hz, the error on the current linearity is lower than 2.5%; it becomes negligible for PWM greater than 5%. This is
shown in the graph below:
Buck mode - L=33uH - Rs = 150mΩ - PWM @ 100Hz
0.00
250.00
500.00
750.00
1000.00
1250.00
1500.00
0
10
20
30
40
50
60
70
80
90
100
PWM
0%
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
PWM @ 100Hz
Error
Figure 29 LED Current Linearity and Accuracy with PWM Dimming at 100Hz
The PWM pin is designed to be driven by both 3.3V and 5V logic levels. It can be driven also by an open drain/collector transistor. In this case,
the designer can either use the internal pull-up network or an external pull-up network in order to speed-up PWM transitions, as shown in the
Boost and Buck-Boost section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com