| データシートサーチシステム |
|
AX88178 データシート(PDF) 13 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX88178 データシート(HTML) 13 Page - ASIX Electronics Corporation |
|
13 / 35 page ![]() ASIX ELECTRONICS CORPORATION 13 AX88178 L USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller 5.0 USB Configuration Structure 5.1 USB Configuration The AX88178 supports 1 Configuration only. 5.2 USB Interface The AX88178 supports 2 interfaces, the interface 0 is Data Interface and interface 1 is for Communication Interface. 5.3 USB Endpoints The AX88178 supports following 4 endpoints: Endpoint 0: Control endpoint. It is used for configuring the device, e.g., standard commands and vendor commands, etc. Endpoint 1: Interrupt endpoint. It is used for reporting status. Endpoint 2: Bulk Out endpoint. It is used for transmitting Ethernet Packet. Endpoint 3: Bulk In endpoint. It is used for receiving Ethernet Packet. |