データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RV-3149-C3 データシート(PDF) 1 Page - MICORO CRYSTAL SWITZERLAND

部品番号 RV-3149-C3
部品情報  Real-Time Clock Module with SPI-Bus
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
ホームページ  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

RV-3149-C3 データシート(HTML) 1 Page - MICORO CRYSTAL SWITZERLAND

  RV-3149-C3 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND RV-3149-C3 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
RV-3149-C3
Real-Time Clock Module with SPI-Bus
All dimensions in mm typical
DESCRIPTION
The RV-3149-C3 is a SMT Real-Time Clock Module that incorporates
an integrated CMOS circuit together with an XTAL. It operates under
vacuum in a hermetically sealed ceramic package with metal lid.
APPLICATIONS
IoT
Metering
Industrial
Portables
Automotive
Health Care
Package:
Recommended Solder Pad:
0,8
3,7
0,3
0,8 0,8 0,8 0,8
0,5
3,7
1
2
9
8
5
4
6
7
3
10
FEATURES
Low power consumption: 800 nA @ 3 V.
Wide operating voltage range: 1.3 V to 5.5 V.
Time accuracy, temp. compensated: Option A: -40 to +85°C, ±6 ppm,
Option B: -40 to +85°C, ±25 ppm.
Extended operating temperature range: -40 to +125°C.
Automatic Backup Switchover and Trickle Charger function.
Provides year, month, weekday, date, hours, minutes and seconds.
Timer and Alarm functions.
Clock output frequencies: 32.768 kHz, 1024 Hz, 32 Hz, 1 Hz.
2 bytes non-volatile user memory, 8 bytes user RAM.
SPI-bus interface: 4-wire, 1 MHz.
100% Pb-free, RoHS-compliant.
Automotive qualification according to AEC-Q200 available.
BLOCK DIAGRAM
OUTPUT
CONTROL
OSC
SPI-BUS
4-wire
Serial
Interface
DIVIDER
and
TEMPERATURE
COMPENSATION
LOGIC
SYSTEM
CONTROL
LOGIC
TEMPERATURE
SENSOR
32.768 kHz
Xtal
CLKOUT
CLKOE
INT
VDD
VSS
POWER
CONTROL
VBACKUP
Control_1
Control_Status
29
00
Year Alarm
Month Alarm
Weekday Alarm
Date Alarm
Hours Alarm
Minutes Alarm
Year
Month
Weekday
Date
Hours
Minutes
Seconds
Control_INT-Flags
Control_INT
2 Bytes of
user EEPROM
Temperature °C
Timer High
Timer Low
Seconds Alarm
8 Bytes of
user RAM
28
20
XTAL T0
XTAL Coef
EE Ctrl
38
XTAL Offset
3F
Control_Reset
30
08
10
18
3
1
7
2
9
6
CE
8
SDO
5
SCL
4
SDI
10
Metal lid is connected to VSS (pin #6)


同様の部品番号 - RV-3149-C3

メーカー部品番号データシート部品情報
logo
MICORO CRYSTAL SWITZERL...
RV-3129-C3 MICROCRYSTAL-RV-3129-C3 Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
RV-3129-C3OPTIONAQATA MICROCRYSTAL-RV-3129-C3OPTIONAQATA Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
RV-3129-C3OPTIONAQATB MICROCRYSTAL-RV-3129-C3OPTIONAQATB Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
RV-3129-C3OPTIONAQCTA MICROCRYSTAL-RV-3129-C3OPTIONAQCTA Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
RV-3129-C3OPTIONAQCTB MICROCRYSTAL-RV-3129-C3OPTIONAQCTB Datasheet
1Mb / 2P
Real-Time Clock Module with I2C-Bus
More results

同様の説明 - RV-3149-C3

メーカー部品番号データシート部品情報
logo
MICORO CRYSTAL SWITZERL...
RV-2123-C2 MICROCRYSTAL-RV-2123-C2 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
logo
Abracon Corporation
AB-RTCMC-32.7KHZ-ZIZE-S2 ABRACON-AB-RTCMC-32.7KHZ-ZIZE-S2 Datasheet
2Mb / 7P
Real Time Clock Module with SPI Bus
02.06.13
logo
MICORO CRYSTAL SWITZERL...
RV-2123-C2 MICROCRYSTAL-RV-2123-C2_16 Datasheet
373Kb / 2P
Real Time Clock Module with SPI Bus
RV-3049-C2 MICROCRYSTAL-RV-3049-C2_16 Datasheet
441Kb / 2P
Real Time Clock Module with SPI-Bus
RV-3049-C3 MICROCRYSTAL-RV-3049-C3_16 Datasheet
401Kb / 2P
Real Time Clock Module with SPI-Bus
RV-8063-C7 MICROCRYSTAL-RV-8063-C7_16 Datasheet
311Kb / 2P
Real Time Clock Module with SPI Bus
RV-2123-C2 MICROCRYSTAL-RV-2123-C2_18 Datasheet
1Mb / 2P
Real-Time Clock Module with SPI-Bus
RV-3049-C2 MICROCRYSTAL-RV-3049-C2_18 Datasheet
1Mb / 2P
Real-Time Clock Module with SPI-Bus
RV-8063-C7 MICROCRYSTAL-RV-8063-C7_18 Datasheet
998Kb / 2P
Real Time Clock Module with SPI-Bus
logo
Abracon Corporation
AB-RTCMC-32.768KHZ-ZIZE ABRACON-AB-RTCMC-32.768KHZ-ZIZE Datasheet
2Mb / 7P
Real Time Clock Module with SPI Bus
11.28.2018
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com