| データシートサーチシステム |
|
MSM548331 データシート(PDF) 10 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM548331 データシート(HTML) 10 Page - OKI electronic componets |
|
10 / 23 page ![]() ¡ Semiconductor MSM548331 10/23 FUNCTION TABLE 1. Write Mode No. Description of Operation WR/TR WXINC WADE/RX Internal Address Pointer 1 Write Transfer H L L 2 Reset H L H 4 Address Jump H H H — First Address Setting L L H X address cleared to (0, 0) X address jump to (Xi, 0) 3 Line Increment H H L X address increment to (Xn + 1, 0) Address Reset Mode Address Setting Mode X address set Note : For write, Line hold is not provided. 2. Read Mode No. Description of Operation RR RXINC RADE/RX Internal Address Pointer 1 Line Hold H L L 2 Reset H L H 3 Line Increment H H L 4 Adress Jump H H H — First Address Setting L L H X address cleared to (0, 0) X address increment to (Xn + 1, 0) Address Reset Mode X address jump to (Xi, 0) Address Setting Mode X address set X address holde to (Xn, 0) |