| データシートサーチシステム |
|
ATR2740-RQHH データシート(PDF) 1 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATR2740-RQHH データシート(HTML) 1 Page - ATMEL Corporation |
|
1 / 7 page ![]() Features • Highly Integrated Digital Device for DAB Receivers (Eureka 147) • Utilizes the ARM7TDMI® Core – High-performance 32-bit RISC Architecture – High-density 16-bit Instruction Set – Embedded ICE (In-Circuit Emulation) – 128-kByte Program and Data RAM • Utilizes TeakDSPCore® – 16-bit Fixed-point Digital Signal Processing Core – High-performance Dual MAC Architecture – 75 MHz Single Clock Design • DAB OFDM Channel Demodulator and Decoder – Fully Integrated, Supports all DAB Functions and Modes – Full Data Rate of 1.8 Mbit Can Be Decoded – Proven Time and Frequency Synchronization with a Wide-range Parameter Set – Automatic Mode Detection (AMD) – Digital AFC (Frequency Tolerance < 0.5 Hz for Mode I) – Digital AGC with a Wide Gain Control Range – Demodulation and Decoding of up to 64 UEP/EEP Sub-channels – Support of Dynamic Multiplex Reconfiguration (DMR) without Mute State – Digital Zero-symbol Detection (FSYNCH Generation) • Audio Source Decoder (ASD) and Data Decoder (DD) – On-chip De-interleaver Memory for Full 1.8 Mbit/s Decoding Data Rate – Programmable Fader – Programmable DRC – PAD Extraction – Two Independent Data Packet Mode Decoder • Integrated High-density SRAM Supporting Time and Frequency De-interleaving • 10 Msps High-speed Low-power Pipelined ADC – Supports Wide IF Range of 2.048 MHz to 50 MHz – Complex Bandpass Filtering – Optional SAW Filter Equalization • ARM7TDMI Core User Software Extension – Audio Player MPEG3 Support • Large Variety of Interfaces – I2S/SPDIF, SFCO, SSO, RDI, RS-232, USART – USB 2.0 Full Speed – Two USARTs – CAN 2.0A and 2.0B • Master/Slave SPI Interface – Two Dedicated Peripheral Data Controller (PDC) Channels – 8- to 16-bit Programmable Data Length – Four External Slave Chip Selects • Simple Memory Concept, Only One External Flash Required • Programmable Watchdog Timer • Power Management Controller (PMC) – CPU and Peripherals Can Be De-activated Individually – Simple But Comfortable Gearing and Clocking Unit • 32 User Programmable I/O Lines (PIO) • Low-power Consumption for Portable Applications (3.3 V and 1.8 V) • Robust LQFP128 Package, BGA121 Package • Very Low External Component Count Electrostatic sensitive device. Observe precautions for handling. DAB Digital Processing Device ATR2740 Summary Preliminary Note: This is a summary document. A complete document is available under NDA. For more information, please con- tact your local Atmel sales office Rev. 4816BS–DAB–11/04 |
同様の部品番号 - ATR2740-RQHH |
|
同様の説明 - ATR2740-RQHH |