データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV0974 データシート(PDF) 17 Page - STMicroelectronics

部品番号 STV0974
部品情報  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 データシート(HTML) 17 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 13Page - STMicroelectronics STV0974 Datasheet HTML 14Page - STMicroelectronics STV0974 Datasheet HTML 15Page - STMicroelectronics STV0974 Datasheet HTML 16Page - STMicroelectronics STV0974 Datasheet HTML 17Page - STMicroelectronics STV0974 Datasheet HTML 18Page - STMicroelectronics STV0974 Datasheet HTML 19Page - STMicroelectronics STV0974 Datasheet HTML 20Page - STMicroelectronics STV0974 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
Functional description
STV0974
17/61
4.4.4
Quantization block
This block applies a uniform quantizer on all DCT coefficients, in ZigZag sequence. It is compliant
with ISO DIS 10918-1 Annex A - Section A.3.4.
The quantizer step size for each DCT coefficient Suv is the value of the corresponding element Q’uv
from the quantization table Q’.
Where
uv is the index of the zigzag coefficient.
Table Q’ is a scaled quantization table calculated for table Q as follows:
where
Squeeze is a parameter value.
Table Q is represented in
Figure 9, as described in ISO DIS 10918-1 Annex K.
Table 6 shows an example of VGA image when different squeeze values are applied by the user.
Figure 9: Luminance and chrominance quantization tables
Quantization table for Y blocks
Quantization table for U and V blocks
Table 6: VGA image size - YUV 4: 2: 2 - Example of image size after JPEG compression
Squeeze
a
a. No compression
2
4
8
102030
50
67
Squeeze
quantization table
factor (Squeeze/8)
0.12
0.25
0.5
0.62
1.25
1.87
3.12
4.19
File size (Kbyte)
614
~80
~51
~32
~27
~21
~12
~9
~9
Bit per pixel
2.13
1.39
0.85
0.72
0.56
0.32
0.24
0.24
Squv
round
Suv
Q'uv
------------
⎝⎠
⎛⎞
=
Q'
Squeeze
32
-------------------------
Q
×
=
Q
16 11 10 16 24
40
51
61
12 12 14 19 26
58
60
55
14 13 16 24 40
57
69
56
14 17 22 29 51
87
80
62
18 22 37 56 68 109 103 77
24 35 55 64 81 104 113 92
49 64 78 87 103 121 120 101
72 92 95 98 112 100 103 99
=
Q
17 18 24 47 99 99 99 99
18 21 26 66 99 99 99 99
24 26 56 99 99 99 99 99
47 66 99 99 99 99 99 99
99 99 99 99 99 99 99 99
99 99 99 99 99 99 99 99
99 99 99 99 99 99 99 99
99 99 99 99 99 99 99 99
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69