| データシートサーチシステム |
|
STV0974TR データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV0974TR データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 69 page ![]() Evaluation kit and demonstration boards STV0974 67/61 9 Evaluation kit and demonstration boards A number of support kits are available. The evaluation kit is recommended for evaluation and system integration as it is an open system and electrical connections can be made from the EVK to the host system. The demonstration boards are small kits that do not allow hard connections to the customers system. Table 46: Ordering details Part Number Description STV-974-/552S-E01 Evaluation kit including base board, STV0974 plug in, flex attached VS6552 plug-in and socketed VS6552 plug-in STV-974/552S-R01 Demonstration board with flex attached VS6552 STV-974/552S-R02 Demonstration board with socketed VS6552 |