| データシートサーチシステム |
|
MAS6503 データシート(PDF) 26 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6503 データシート(HTML) 26 Page - Micro Analog systems |
|
26 / 34 page ![]() DA6503.005 14 December 2016 26 (34) APPLICATION INFORMATION Temperature Measurement Configuration In the temperature measurement configuration the piezoresistive sensor RS is connected into a Wheatstone resistor bridge configuration together with four internal resistors R1, R2, R3 and R4. See figure 7. Figure 7. Temperature Measurement Configuration In the temperature measurement configuration the A/D converter input signal has the following characteristics. 1 1 1 1 1 1 4 3 4 2 1 R R T T TC R T T TC R R R VDD T V REF R REF S S IN Equation 5. VDD = supply voltage RS = sensor bridge resistance [ ] R1, 2, 3, 4 = internal resistors [ ] TCS = sensor resistance temperature coefficient [ppm/ C] TCR = internal resistor temperature coefficient [ppm/ C] TREF = reference temperature for resistor values [ C] T = actual temperature to be measured [ C] From equation 5 we get that the temperature signal has a rising temperature dependency vs. temperature when the sensor resistance has a positive temperature coefficient TCS>0. With negative sensor resistance temperature coefficient TCS<0 the signal has a falling temperature dependency vs. temperature. See the signal illustration in figure 8. Figure 8. Temperature signal dependency of sensor resistance temperature coefficient GND R2 R4 R1 R3 PI NI VDD RS VIN |