| データシートサーチシステム |
|
MAS6505BA1Q1706 データシート(PDF) 13 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6505BA1Q1706 データシート(HTML) 13 Page - Micro Analog systems |
|
13 / 44 page ![]() DA6505.005 11 June 2018 13 (44) CALIBRATED SENSOR SYSTEM MEASUREMENT FLOW Figure 3. Flow charts for measurement flow of a calibrated MAS6505 sensor system Figure 3 present flow charts for measurement flow of calibrated MAS6505 sensor system in both forced mode (single command based measurement) and normal mode (automated measurements). POWER UP / RESET Reset device by writing any data to Reset register EC/6CHEX SELECT FORCED MODE Write MODE=01 or 10 and OSRT and OSRP to Control register EF/6FHEX (INCREMENTAL) READ RESULTS Read pressure and temperature results from six result registers F1...F6HEX CALCULATE CALIBRATED TEMPERATURE CALCULATE TEMPERATURE COMPENSATED PRESSURE VALUE CONTINUE yes no END ACTIVATE EEPROM (EON=010 or 101) READ EEPROM CALIBRATION DATA INACTIVATE EEPROM (EON=000) WAIT UNTIL AT LEAST MAX A/D CONVERSION TIME HAS PASSED or WAIT STATUS REGISTER FLAGS TO SET INCREMENTAL READ RESULTS Read pressure and temperature results from six result registers F1...F6HEX CALCULATE CALIBRATED TEMPERATURE CALCULATE TEMPERATURE COMPENSATED PRESSURE VALUE CONTINUE yes no SELECT SLEEP MODE Write MODE=00 to Control register EF/6FHEX ACTIVATE EEPROM (EON=010 or 101) READ EEPROM CALIBRATION DATA INACTIVATE EEPROM (EON=000) SELECT NORMAL MODE Write MODE=11 and OSRT and OSRP to Control register EF/6FHEX WAIT REPEAT INTERVAL or WAIT STATUS REGISTER FLAGS TO SET POWER UP / RESET Reset device by writing any data to Reset register EC/6C HEX END CONFIGURE MEASUREMENT Write configuration to Configuration register EE/6EHEX CONFIGURE MEASUREMENT Write configuration to Configuration register EE/6E HEX |