| データシートサーチシステム |
|
MAS6241 データシート(PDF) 8 Page - Micro Analog systems |
|
|
|||||||||||||||||||||||||||||
MAS6241 データシート(HTML) 8 Page - Micro Analog systems |
|
8 / 9 page ![]() DA6241.005 31 January, 2019 8 (9) QFN-12 3X3x0.75 PCB LAND PATTERN Notes • I/O lands should be 0.2mm longer than QFN pads and extend the same 0.2mm outside package outline • exposed pad land size should be the same as QFN exposed pad size • solder resist opening should be 120 m…150m larger than the land size resulting in 60m…75m clearance between copper land and solder resist |