データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5380 データシート(PDF) 6 Page - Analog Devices

部品番号 AD5380
部品情報  40-Channel, 3V/5V Single Supply, 14-Bit, Voltage-Output DAC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5380 データシート(HTML) 6 Page - Analog Devices

Back Button AD5380 Datasheet HTML 2Page - Analog Devices AD5380 Datasheet HTML 3Page - Analog Devices AD5380 Datasheet HTML 4Page - Analog Devices AD5380 Datasheet HTML 5Page - Analog Devices AD5380 Datasheet HTML 6Page - Analog Devices AD5380 Datasheet HTML 7Page - Analog Devices AD5380 Datasheet HTML 8Page - Analog Devices AD5380 Datasheet HTML 9Page - Analog Devices AD5380 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
PRELIMINARY TECHNICAL DATA
REV. PrF 09/2003
–6–
SERIAL INTERFACE
Parameter
1,2,3
Limit at TMIN, TMAX
Units
Description
t1
33
ns min
SCLK Cycle Time
t2
13
ns min
SCLK High Time
t3
13
ns min
SCLK Low Time
t4
13
ns min
SYNC Falling Edge to SCLK Falling Edge Setup
Time
t5
4
13
ns min
24th SCLK Falling Edge to
SYNC Falling Edge
t6
4
33
ns min
Minimum
SYNC Low Time
t7
10
ns min
Minimum
SYNC High Time
t7A
50
ns min
Minimum
SYNC High Time in Readback Mode
t8
5
ns min
Data Setup Time
t9
4.5
ns min
Data Hold Time
t10
4,5
30
ns max
24th SCLK Falling Edge to
BUSY Falling Edge
t11
900
ns typ
BUSY Pulse Width Low (Single Channel Update)
t12
4
20
ns min
24th SCLK Falling Edge to
LDAC Falling Edge
t13
20
ns min
LDAC Pulse Width Low
t14
100
ns max
BUSY Rising Edge to DAC Output Response Time
t15
0
ns min
BUSY Rising Edge to LDAC Falling Edge
t16
100
ns min
LDAC Falling Edge to DAC Output Response Time
t17
8
µs typ
DAC Output Settling Time, Boost Mode off.
t18
20
ns min
CLR Pulse Width Low
t19
12
µs max
CLR Pulse Activation Time
t20
6,7
20
ns max
SCLK Rising Edge to SDO Valid
t21
7
5
ns min
SCLK Falling Edge to
SYNC Rising Edge
t22
7
8
ns min
SYNC Rising Edge to SCLK Rising Edge
t23
7
20
ns min
SYNC Rising Edge to LDAC Falling Edge
NOTES
1Guaranteed by design and characterization, not production tested.
2All input signals are specified with t
r = tf = 5 ns (10% to 90% of VCC) and timed from a voltage level of 1.2 V.
3See Figures 3 and 4
4Stand-Alone Mode only.
5This is measured with the load circuit of Figure 1a.
6This is measured with the load circuit of Figure 1b.
7Daisy-Chain Mode only.
Specifications subject to change without notice.
(DVDD= 2.7V to 5.5V ; AVDD=+4.5V to +5.5V or +2.7V to +3.6V; AGND= DGND = 0 V; )
All specifications TMIN to TMAX unless otherwise noted.)
TIMING CHARACTERISTICS
I
OL
200u A
I
OH
200u A
C
L
50pF
TO
OUT P UT
PIN
VOH (M IN) or
VOL (MAX)
CL
50pF
RL
2.2k
TO
OUTPUT
PIN
VOL
VCC
Figure 1a Load Circuit for
BUSY Timing Diagram
Figure 1b. Load Circuit for SDO Timing Diagram
(Serial Interface, Daisy-Chain mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com