データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RT12055P データシート(PDF) 4 Page - RFHIC

部品番号 RT12055P
部品情報  GaN Power Transistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFHIC [RFHIC]
ホームページ  http://www.rfhic.com
Logo RFHIC - RFHIC

RT12055P データシート(HTML) 4 Page - RFHIC

  RT12055P Datasheet HTML 1Page - RFHIC RT12055P Datasheet HTML 2Page - RFHIC RT12055P Datasheet HTML 3Page - RFHIC RT12055P Datasheet HTML 4Page - RFHIC RT12055P Datasheet HTML 5Page - RFHIC RT12055P Datasheet HTML 6Page - RFHIC RT12055P Datasheet HTML 7Page - RFHIC RT12055P Datasheet HTML 8Page - RFHIC RT12055P Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
GaN Power Transistors
RT12055P
GaN Power Transistors
RT12055P
Typical 2-tone Intermodulation Imbalance Performance
yp
(Tc=25℃, Measured in the RT12055P-2600MHz test board amplifier circuit)
-15
Intermodulation vs. Tone Spacing
25
-25
-35
-45
IM3-L
IM5-L
-55
1
10
100
IM3-U
IM5-U
1
10
100
Tone Spacing [MHz]
2-tone Power = 45.4dBm,
VDS = 48V,
IDQ = 200mA
Typical Small Signal Performance
(Tc=25℃, Measured in the RT12055P-2600MHz test board amplifier circuit)
Small Signal Gain, Input Return Loss vs. Frequency
μ Factor vs. Frequency
10
25
Small Signal Gain, Input Return Loss vs. Frequency
6
6
μ Factor vs. Frequency
Small Signal Gain
0
5
15
20
5
5
-5
0
10
15
3
4
3
4
15
-10
0
5
2
3
2
3
IRL
-20
-15
-5
0
1
1
-25
-10
1500
1700
1900
2100
2300
2500
2700
2900
3100
3300
3500
3700
Frequency [MHz]
0
0
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency [MHz]
Frequency [MHz]
Frequency [MHz]
PIN = 0dBm, VDS = 48V,
IDQ = 200mA
Korean Facility : 82-31-8069-30
36 / rfsales@rfhic.com
US Facility : 919-677-8780 / sales@rfhicusa.com
4 / 13
All specifications may change without notice
Version 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com