データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DT12030P データシート(PDF) 2 Page - RFHIC

部品番号 DT12030P
部品情報  GaN Power Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFHIC [RFHIC]
ホームページ  http://www.rfhic.com
Logo RFHIC - RFHIC

DT12030P データシート(HTML) 2 Page - RFHIC

  DT12030P Datasheet HTML 1Page - RFHIC DT12030P Datasheet HTML 2Page - RFHIC DT12030P Datasheet HTML 3Page - RFHIC DT12030P Datasheet HTML 4Page - RFHIC DT12030P Datasheet HTML 5Page - RFHIC DT12030P Datasheet HTML 6Page - RFHIC DT12030P Datasheet HTML 7Page - RFHIC DT12030P Datasheet HTML 8Page - RFHIC DT12030P Datasheet HTML 9Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
GaN Power Transistors
DT12030P
GaN Power Transistors
DT12030P
Electrical Characteristics (T
C=25℃ unless otherwise noted)
Electrical Characteristics (T
C=25℃ unless otherwise noted)
Characteristics
Conditions
Symbol
Min
Typ
Max
Unit
VDS = 10V
DC Characteristics
*1
VDS =
ID =
V
=
Gate Threshold Voltage
10V
VGS(TH)
VDC
7.2mA
-3.8
50V
-3.0
-2.3
VDS =
ID =
VDC
100mA
Gate Quiescent Voltage
50V
VGS(Q)
-
-
-2.6
D
VDS =
V
=
100mA
Saturated Drain Current
*2
6V
IDS
A
2V
-
5.8
7.0
VGS =
VGS =
Saturated Drain Current
V
Drain-Source Breakdown Voltage
-8V
VBR
DS
2V
150
-
-
ID =
VGS = -8V
V
7.2mA
Drain-Source Breakdown Voltage
VBR
150
-
-
VGS =
VDS =
V
=
Gate Leakage Current
-8V
IGLKG
-1.6
-
-
mA
120V
VGS =
VDS =
mA
120V
-
Drain Leakage Current
-8V
IDLKG
2.9
-
VDS =
V
=
120V
RF Characteristics (Fc=2595MHz unless otherwise noted)
50V
VDS =
IDQ =
Saturated Output Power
*3,6
50V
PSAT
30
100mA
-
-
W
DQ
VDS =
I
=
100mA
100mA
Pulsed Drain Efficiency
*3
%
50V
-
η
70
75
IDQ =
P
OUT =
100mA
PSAT Pulsed
Pulsed Drain Efficiency
*3
%
-
η
70
75
VDS =
IDQ =
Modulated Gain
*4
50V
GBR
18.0
-
dB
100mA
17.0
IDQ =
P
OUT =
V
=
Modulated Gain
*4
GBR
18.0
-
dB
100mA
38.5dBm
17.0
VDS =
IDQ = 100mA
-25.0
LTE Linearity
*4
50V
ACLR
-30.0
dBc
-
IDQ =
P
OUT =
V
= 50V
100mA
38.5dBm
-25.0
LTE Linearity
ACLR
-30.0
dBc
-
VDS =
IDQ = 100mA
30.0
35.0
-
%
Modulated Drain Efficiency
*4
50V
η
P
OUT =
VDS =
100mA
38.5dBm
30.0
35.0
-
%
Modulated Drain Efficiency
η
50V
VDS =
IDQ =
Output Mismatch Stress
*3, 5
50V
VSWR
-
-
10:1
ψ
100mA
P
OUT =
Note
PSAT Pulsed
Note
*1 Measured on wafer prior to packaging.
*2 Scaled from PCM data.
*2 Scaled from PCM data.
*3 Pulse width 100μsec, Duty Cycle 10%.
*4 Measured in the DT12030P test board amplifier circuit, under LTE 10MHz, PAR7.5dB @0.01% probability on CCDF.
*4 Measured in the DT12030P test board amplifier circuit, under LTE 10MHz, PAR7.5dB @0.01% probability on CCDF.
*5 Measured in the DT12030P test board amplifier circuit. No damage at all phase angles.
*6 Psat is defined as ΔPout/ΔPin<0.1, where ΔPin is increased input power, ΔPout is increased output power.
Korean Facility : 82-31-8069-30
36 / rfsales@rfhic.com
US Facility : 919-677-8780 / sales@rfhicusa.com
2 / 16
All specifications may change without notice
Version 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com