データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC18F4520E/SPQTP データシート(PDF) 89 Page - Microchip Technology

部品番号 PIC18F4520E/SPQTP
部品情報  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4520E/SPQTP データシート(HTML) 89 Page - Microchip Technology

Back Button PIC18F4520E/SPQTP Datasheet HTML 85Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 86Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 87Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 88Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 89Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 90Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 91Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 92Page - Microchip Technology PIC18F4520E/SPQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 390 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39631A-page 87
PIC18F2420/2520/4420/4520
TABLE 7-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values
on page
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
49
EEADR
EEPROM Address Register
51
EEDATA
EEPROM Data Register
51
EECON2
EEPROM Control Register 2 (not a physical register)
51
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
51
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
52
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
52
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
52
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More