| データシートサーチシステム |
|
MSM65355 データシート(PDF) 3 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM65355 データシート(HTML) 3 Page - OKI electronic componets |
|
3 / 18 page ![]() 8-bit SHIFT-REG RAM (384 bytes) WDT TBC 8-bit PWM x 4 BUZZER OUTPUT PWM0* PWM1* PWM2* PWM3* BZ* BUS CONT. ROM (16K bytes) GMAR PC LMAR SP PSW BR IR ALU INST. DEC. OSC. CONT. T/C AR XT XT OSC0 OSC1 RESET CLKOUT* HSTOP* XTOUT* VDD GND 8-bit A/D C ¥ 8ch I/O PORT 8-bit SHIFT-REG SFTO2* SFTI2* SFTCK2* 16-bit TIMER x 1 T2CK* 8-bit TIMER x 4 T1OUT* T0CK* GATE* SFTO1* SFTI1* SFTCK1* INTERRUPT CONT. INT0* INT1* INT2* REMOTE CONTROL CAPTURE SAMPLING CIRCUIT INTRMC* LCD DRIVER 8-bit SHIFT-REG (16-byte auto- transfer function) SFTO0* SFTI0* SFTCK0* WATCH TIMER REMOTE CONTROL CIRCUIT *Secondary functions of each port. CPU CORE |