データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSM66577 データシート(PDF) 4 Page - OKI electronic componets

部品番号 MSM66577
部品情報  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OKI [OKI electronic componets]
ホームページ  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 データシート(HTML) 4 Page - OKI electronic componets

  MSM66577 Datasheet HTML 1Page - OKI electronic componets MSM66577 Datasheet HTML 2Page - OKI electronic componets MSM66577 Datasheet HTML 3Page - OKI electronic componets MSM66577 Datasheet HTML 4Page - OKI electronic componets MSM66577 Datasheet HTML 5Page - OKI electronic componets MSM66577 Datasheet HTML 6Page - OKI electronic componets MSM66577 Datasheet HTML 7Page - OKI electronic componets MSM66577 Datasheet HTML 8Page - OKI electronic componets MSM66577 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
4/34
6. Multifunction PWM
The family supports both 8- and 16-bit PWM operation.
Choosing between the time-base counter output or overflow from an 8-bit auto-reload timer as the PWM counter
clock source provides a wide number of possibilities over a broad frequency range. The 16-bit PWM configuration
supports a high-speed synchronization mode that generates a high-precision output signal with less ripple suitable
for digital-to-analog control applications.
7. Programmable pull-up resistors
Building the pull-up resistors into the chip contributes to overall design compactness.
Making them programmable on a per-bit basis allows complete flexibility in circuit board layout and system
design. These programmable pull-up resistors are available for all I/O pins not already assigned specific functions
(such as the oscillator connection pins).
8. Wide support for external interrupts
There are a total of nine interrupt channels for use in communicating with external devices: eight for maskable
interrupts and one for non-maskable interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34