データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NTC50D-9 データシート(PDF) 2 Page - Vatronics Technologies Limited

部品番号 NTC50D-9
部品情報  NSP POWER TYPE NTC THERMISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VATRONICS [Vatronics Technologies Limited]
ホームページ  http://www.vatronics.com/
Logo VATRONICS - Vatronics Technologies Limited

NTC50D-9 データシート(HTML) 2 Page - Vatronics Technologies Limited

  NTC50D-9 Datasheet HTML 1Page - Vatronics Technologies Limited NTC50D-9 Datasheet HTML 2Page - Vatronics Technologies Limited NTC50D-9 Datasheet HTML 3Page - Vatronics Technologies Limited NTC50D-9 Datasheet HTML 4Page - Vatronics Technologies Limited NTC50D-9 Datasheet HTML 5Page - Vatronics Technologies Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
POWER NTC THERMISTORS
Code
(Chip
Diameter)
A
Chip
Diameter
MAX
B
Lead
Wire
Length
MIN
C Pitch
D
Chip
Thickness
MAX
Ex
Lead Wire
Diameter
F
Distance
from Lead
Wire to
Chip MAX
Gy
Molding
Distance
Hy
Post-
Molding
Pitch MIN
20
22
25
7.5±1/10±1
7
1.0
4
28±3.5
4.5
15
16.5
25
7.5±1/10±1
6
1.0
4
24±3.5
4.5
13
14.5
25
7.5±1
6
0.8
4
22±3.0
4.5
11
12.5
25
5±1
5
0.8
4
20±2.0
3.0
9
10.5
25
5±1
5
0.6
4
18±2.0
3.0
Note:
x "E" value may be 0.6 for resistors for which the chip's diameter is
≤φ13and the working current is ≤2A.
y "G" column and "H" column stand for bend dimensions of the lead.
Specifications List
Model Number
R25±20%
(
Ω)
Max.
Current (A)
Approx. Resistance in
Max. Current at 25• (
Ω)
Dissipation
Power
(mW/•)
Time
Constant
•S•
Operating
Temperature
•••
NTC3D-9
3
4
0.12
11
35
NTC4D-9
4
3
0.19
11
35
NTC5D-9
5
3
0.21
11
34
NTC6D-9
6
2
0.315
11
34
NTC8D-9
8
2
0.4
11
32
NTC10D-9
10
2
0.458
11
32
NTC12D-9
12
1
0.652
11
32
NTC16D-9
16
1
0.802
11
31
NTC20D-9
20
1
0.864
11
30
NTC30D-9
30
1
1.022
11
30
NTC50D-9
50
1
1.252
11
30
NTC80D-9
80
0.8
2.01
11
30
NTC2R5D-11
2.5
5
0.095
13
43
file:///C|/index/VARISTOR/POWERNTCTHERMISTORS-P.htm (2 / 5) [2003-12-17 11:01:57]



Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com