データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F030F4 データシート(PDF) 92 Page - STMicroelectronics

部品番号 STM32F030F4
部品情報  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030F4 データシート(HTML) 92 Page - STMicroelectronics

Back Button STM32F030F4 Datasheet HTML 85Page - STMicroelectronics STM32F030F4 Datasheet HTML 86Page - STMicroelectronics STM32F030F4 Datasheet HTML 87Page - STMicroelectronics STM32F030F4 Datasheet HTML 88Page - STMicroelectronics STM32F030F4 Datasheet HTML 89Page - STMicroelectronics STM32F030F4 Datasheet HTML 90Page - STMicroelectronics STM32F030F4 Datasheet HTML 91Page - STMicroelectronics STM32F030F4 Datasheet HTML 92Page - STMicroelectronics STM32F030F4 Datasheet HTML 93Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 93 page
background image
Revision history
STM32F030x4/x6/x8/xC
92/93
DS9773 Rev 4
15-Jan-2019
4
– Figure 2 split in two figures
– TIM15 complementary outputs count in Table 5
– Periodic wakeup unit feature in Section 3.12: Real-
time clock (RTC)
– Driver Enable for USART 6 in Table 8
– Number of supported auto baud rate detection modes
corrected in Table 8
– AF4 and AF5 for PB10 in Table 13
– Notes in Table 14, Table 15, and Table 16
– Extension of Table 16
–VFESD class in Table 41
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93