| データシートサーチシステム |
|
STM32F030C8 データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030C8 データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 93 page ![]() DS9773 Rev 4 37/93 STM32F030x4/x6/x8/xC 37 Table 14. Alternate functions selected through GPIOC_AFR(1) registers for port C 1. Available on STM32F030xC devices only. Pin name AF0(2) 2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOC_AFR registers). AF1(1) AF2(1) PC0 EVENTOUT - USART6_TX PC1 EVENTOUT - USART6_RX PC2 EVENTOUT SPI2_MISO - PC3 EVENTOUT SPI2_MOSI - PC4 EVENTOUT USART3_TX - PC5 - USART3_RX - PC6 TIM3_CH1 - - PC7 TIM3_CH2 - - PC8 TIM3_CH3 - - PC9 TIM3_CH4 - - PC10 USART4_TX(1) USART3_TX - PC11 USART4_RX(1) USART3_RX - PC12 USART4_CK(1) USART3_CK USART5_TX PC13 --- PC14 --- PC15 --- Table 15. Alternate functions selected through GPIOD_AFR(1) registers for port D 1. Available on STM32F030xC devices only. Pin name AF0(2) 2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOD_AFR registers). AF1(1) AF2(1) PD2 TIM3_ETR USART3_RTS USART5_RX Table 16. Alternate functions selected through GPIOF_AFR(1) registers for port F 1. Available on STM32F030xC devices only. Pin name AF0(2) 2. Default alternate functions for STM32F030x4/x6/x8 devices (they do not have the GPIOF_AFR registers). AF1(1) PF0 - I2C1_SDA PF1 - I2C1_SCL PF4 EVENTOUT(1) PF5 EVENTOUT(1) PF6 I2C1_SCL(3), I2C2_SCL(4) 3. Applies to STM32F030x4/x6 4. Applies to STM32F030x8 PF7 I2C1_SDA(3), I2C2_SDA(4) |