データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F030RC データシート(PDF) 24 Page - STMicroelectronics

部品番号 STM32F030RC
部品情報  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RC データシート(HTML) 24 Page - STMicroelectronics

Back Button STM32F030RC Datasheet HTML 20Page - STMicroelectronics STM32F030RC Datasheet HTML 21Page - STMicroelectronics STM32F030RC Datasheet HTML 22Page - STMicroelectronics STM32F030RC Datasheet HTML 23Page - STMicroelectronics STM32F030RC Datasheet HTML 24Page - STMicroelectronics STM32F030RC Datasheet HTML 25Page - STMicroelectronics STM32F030RC Datasheet HTML 26Page - STMicroelectronics STM32F030RC Datasheet HTML 27Page - STMicroelectronics STM32F030RC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 93 page
background image
Functional overview
STM32F030x4/x6/x8/xC
24/93
DS9773 Rev 4
3.16
Serial wire debug port (SW-DP)
An Arm SW-DP interface is provided to allow a serial wire debugging tool to be connected to
the MCU.
Table 9. STM32F030x4/x6/x8/xC SPI implementation(1)
1. X = supported.
SPI features
SPI1
SPI2(2)
2. Not available on STM32F030x4/6.
Hardware CRC calculation
X
X
Rx/Tx FIFO
X
X
NSS pulse mode
X
X
TI mode
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93