データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F030RCT6 データシート(PDF) 78 Page - STMicroelectronics

部品番号 STM32F030RCT6
部品情報  Value-line Arm®-based 32-bit MCU with up to 256 KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030RCT6 データシート(HTML) 78 Page - STMicroelectronics

Back Button STM32F030RCT6 Datasheet HTML 74Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 75Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 76Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 77Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 78Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 79Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 80Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 81Page - STMicroelectronics STM32F030RCT6 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 93 page
background image
Package information
STM32F030x4/x6/x8/xC
78/93
DS9773 Rev 4
Device marking
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
The printed markings may differ depending on the supply chain.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 30. LQFP64 marking example (package top view)
1. Parts marked as ES or E or accompanied by an Engineering Sample notification letter are not yet qualified
and therefore not approved for use in production. ST is not responsible for any consequences resulting
from such use. In no event will ST be liable for the customer using any of these engineering samples in
production. ST's Quality department must be contacted prior to any decision to use these engineering
samples to run a qualification activity.
MSv36475V1
Product identification
(1)
Pin 1 identifier
Revision code
Date code
STM32F030
RCT6
Y
WW
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93