データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SRF02 データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SRF02
部品情報  Ultrasonic range finder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SRF02 データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SRF02 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 2Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 3Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 4Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 5Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 6Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 7Page - List of Unclassifed Manufacturers SRF02 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SRF02 Ultrasonic range finder
Technical Specification
I2C Mode
For Serial mode click here
I2C Communication
To use the SRF02 in I2C mode, make sure nothing is connected to the mode pin, it must be left
unconnected.
The I2C bus is available on popular controllers such as the OOPic, Stamp BS2p, PicAxe etc. as well as a
wide variety of micro-controllers. To the programmer the SRF02 behaves in the same way as the ubiquitous
24xx series EEPROM's, except that the I2C address is different. The default shipped address of the SRF02 is
0xE0. It can be changed by the user to any of 16 addresses E0, E2, E4, E6, E8, EA, EC, EE, F0, F2, F4, F6,
F8, FA, FC or FE, therefore up to 16 sonar's can be used.
Connections
The connections to the SRF02 are identical to the SRF08 and SRF10 rangers. The "Mode" pin should be left
unconnected, it has an internal pull-up resistor. The SCL and SDA lines should each have a pull-up resistor
to +5v somewhere on the I2C bus. You only need one pair of resistors, not a pair for every module. They are
normally located with the bus master rather than the slaves. The SRF02 is always a slave - never a bus
master. If you need them, I recommend 1.8k resistors. Some modules such as the OOPic already have pull-
up resistors and you do not need to add any more.
Registers
The SRF02 appears as a set of 6 registers.
Only location 0 can be written to. Location 0 is the command register and is used to start a ranging session.
It cannot be read. Reading from location 0 returns the SRF02 software revision. The ranging lasts up to
65mS, and the SRF02 will not respond to commands on the I2C bus whilst it is ranging.
Location
Read
Write
0
Software
Revision
Command Register
1
Unused (reads
0x80)
N/A
2
Range High Byte
N/A
3
Range Low Byte
N/A
4
Autotune
Minimum - High
Byte
N/A
5
Autotune
Minimum - Low
Byte
N/A



Html Pages

1 2 3 4 5 6 7 8