| データシートサーチシステム |
|
AXP288C データシート(PDF) 29 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
|
|||||||||||||||||||||||||||||
AXP288C データシート(HTML) 29 Page - Shenzhen X-Powers Technology Co ., Ltd |
|
29 / 110 page ![]() AXP288 PMIC Optimized For Multi-Core High-Performance System AXP288 Datasheet V1.06 Copyright © 2014 X-Powers Limited. All Rights Reserved. 29 LDO 6 - eMMC Buck2- VNN Buck3 -V1P05A/ V1P15 Buck4 -VDDQ Buck6 -V1P8A LD03 -V3P3A RSMRST_B DRAMPWROK Buck5 - VGG Buck1 - VCC CHT Cold Boot Sequence VCCAPWROK COREPWROK LDO1 -V1P2A VBAT VRTC SUSPWRDNACK PLTRST_B SLP_S0IX_B Signals from SoC T0 T1 T2 T3 T4 T5 T7 T6 T8 LDO5 - VREFDQ Figure 9-7 Note: • Buck6 and LDO1 power up at the same time • LDO6 and LDO3 can power up at the same time • PMIC Power up sequence has no dependency on SUSPWRDNAK signal • SLP_S0IX_B signal gates pmic performing the remainder power up sequence Table 9-4 Parameter Description Min Typical Max Units T0 BUCK2 to BUCK3 turn on delay Buck2 to Buck3 turn on delay should follow the standard delay (T1), but have an option to support no delay (to be compliant with CHV A0) μs T1 Rail to Subsequent Rail Turn-On Delay for all rails unless specified otherwise 0.01 1 2.0 ms |