| データシートサーチシステム |
|
K-LD2-RFB-00H-02 データシート(PDF) 9 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-LD2-RFB-00H-02 データシート(HTML) 9 Page - RFbeam Microwave GmbH |
|
9 / 20 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet 09/2018 - Revision B | Page 9/20 Detection algorithm The detection algorithm uses the following steps: 1. Scan the FFT spectrum for peaks with a magni- tude higher than the set threshold level and with the direction to detect set with the parameter D03. 2. Check if the peak is a valid movement with the correct direction or if it is an interference. 3. Increase the immunity against interferences by checking if the movement is constant (see parame- ter Immunity D02). 4. If there is a valid detection, estimate the speed bin and magnitude. 5. Latch all the information to the detection register (see parameters R00, R01 & R02) and to the digital outputs. 6. Decrease the hold time if there is no valid detection. 7. Reset the hold time if there is another valid detection. 8. Reset the detection register and the digital outputs if the hold time has elapsed. You can find more advanced configurati- on options for the detection algorithm in the chapters Speed limitation and ranging, FFT filter and Adjust hold time and sensitivity. Reaction Time The reaction time of the sensor depends on different settings and can be calculated with the equation below when the FFT average feature is disabled. With the FFT average feature enabled (see parameter S0A) the equation changes to: t Reaction =· (Immunity + 1) = · (Immunity + 1) N FFT ƒ Sample 256 ƒ Sample t Reaction =· (Immunity + 1) · 2 = · (Immunity + 1) · 2 N FFT ƒ Sample 256 ƒ Sample |