| データシートサーチシステム |
|
K-LD2-EVAL-RFB-01H データシート(PDF) 18 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-LD2-EVAL-RFB-01H データシート(HTML) 18 Page - RFbeam Microwave GmbH |
|
18 / 20 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet 09/2018 - Revision B | Page 18/20 Param. Default Min Max Name Description Length C00 – – – Get detection string Returns the detection register, the detection speed and the detection magnitu- de as an ASCII string in decimal format. Example response: 001;076;067; 14 bytes C01 – – – Get target string Returns an ASCII target list string in decimal format. It returns the speed and magnitude of the dominant movement for the forward and backward plane of the spectrum. Target string structure: Forward speed in bin + Backward speed in bin + Forward magnitude in dB + Backward magnitude in dB Example response: 000;000;000;000; " no target found 076;000;045;000; " forward target found 000;076;000;045; " backward target found 020;076;031;045; " two targets found 18 bytes C02 – – – Get EEPROM hex string Returns the full 512 EEPROM bytes as an ASCII string in the Intel hex format. 2893 bytes C03 – – – Get FFT spectrum + threshold level Returns the FFT spectrum and the threshold level in a binary format. Description Datatype Length FFT spectrum UINT16 * 512 bytes Threshold level UINT16 * 512 bytes 1024 bytes C04 – – – Get ADC I/Q data + FFT spectrum + threshold level Returns the ADC I/Q data, the FFT spectrum and the threshold level in a binary format. Description Datatype Length ADC I data INT16 * 512 bytes ADC Q data INT16 * 512 bytes FFT spectrum UINT16 * 512 bytes Threshold level UINT16 * 512 bytes 2048 bytes C05 – – – Get C04 + additional parameters Returns the values of C04 and additional parameters in a binary format. Description Datatype Length ADC I data INT16 * 512 bytes ADC Q data INT16 * 512 bytes FFT spectrum UINT16 * 512 bytes Threshold level UINT16 * 512 bytes Detection register UINT8 1 byte Detection speed UINT8 1 byte Detection magnitude UINT8 1 byte Target string ASCII string 15 bytes Noise level mean UINT8 1 byte Operation state UINT8 1 byte Index of hold time potentiometer UINT8 1 byte Index of sensitivity potentiometer UINT8 1 byte 2070 bytes C06 – – – Get C05 + spectrum average Returns the values of C05 and the spectrum average in a binary format. Description Datatype Length ADC I data INT16 * 512 bytes ADC Q data INT16 * 512 bytes FFT spectrum UINT16 * 512 bytes Threshold level UINT16 * 512 bytes Detection register UINT8 1 byte Detection speed UINT8 1 byte Detection magnitude UINT8 1 byte Target string ASCII string 15 bytes Noise level mean UINT8 1 byte Operation state UINT8 1 byte Index of hold time potentiometer UINT8 1 byte Index of sensitivity potentiometer UINT8 1 byte Spectrum average UINT16 * 512 bytes 2582 bytes Table 16: Class C variable length complex read parameters * 16 bit wide datatypes are sent with the high byte first. |