| データシートサーチシステム |
|
RF98 データシート(PDF) 52 Page - HOPE Microelectronics CO., Ltd. |
|
|
|||||||||||||||||||||||||||||
RF98 データシート(HTML) 52 Page - HOPE Microelectronics CO., Ltd. |
|
52 / 121 page ![]() Page 52 RF96/97/98 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com Tx Mode Rx Mode WIRELESS & SENSING PRELIMINARY DATASHEET 4.2.5.3. Time to RSSI Evaluation The first RSSI sample will be available TS_RSSI after the receiver is ready, in other words TS_RE + TS_RSSI after the receiver was requested to turn on. Timeline 0 TS_RE TS_RE +TS_RSSI FSRx Rx Rssi IRQ Rssi sample ready Figure 18. Time to Rssi Sample TS_RSSI depends on the receiver bandwidth, as well as the RssiSmoothing option that was selected. The formula used to calculate TS_RSSI is provided in section 2.5.4. 4.2.5.4. Tx to Rx Turnaround Time Timeline 0 TS_HOP +TS_RE 1. set new Frf (*) 2. set Rx mode Rx Mode (*) Optional Figure 19. Tx to Rx Turnaround Note The SPI instruction times are omitted, as they can generally be very small as compared to other timings (up to 10MHz SPI clock). 4.2.5.5. Rx to Tx Timeline 0 TS_HOP +TS_TR 1. set new Frf (*) 2. set Tx mode Tx Mode (*) Optional Figure 20. Rx to Tx Turnaround |