データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS1117 データシート(PDF) 3 Page - Fortune Semiconductor Corp.

部品番号 FS1117
部品情報  1.0A Adjustable & Fixed Voltage LDO Linear Regulato
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORTUNE [Fortune Semiconductor Corp.]
ホームページ  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS1117 データシート(HTML) 3 Page - Fortune Semiconductor Corp.

  FS1117 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS1117 Datasheet HTML 9Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.
General Description
The FS1117 is a series of low-dropout three-terminal
regulators with a dropout of 1.4V at 1A output
current.
The FS1117 series provides current limiting and
thermal shutdown. Its circuit includes a trimmed
bandgap reference to assure output voltage
accuracy to be within ± 2% for 1.8V, 3.3V and
adjustable versions. Current limit is trimmed to
ensure specified output current and controlled
short-circuit current. On–chip thermal shutdown
provides protection against any combination of
overload and ambient temperature that would create
excessive junction temperature.
The FS1117 has an adjustable version that can
provide the output voltage from 1.25V to 12V with
only two external resistors.
The FS1117 series is available in the industry
standard SOT223 power package.
2.
Features
1.4V maximum dropout at full load current
Fast transient response
Output current limiting
Built-in thermal shutdown
Good noise rejection
Low ESR Ceramic Capacitor(MlCC) Required gor
Stability
3.
Applications
PC Motherboard
LCD Monitor
Graphic Card
DVD-video player
NIC/Switch
Telecom Equipment
ADSL Modem
Printer and other Peripheral Equipment
4.
Ordering Information
5.
Pin Configurations
1
2
3
SOT-223
FS1117
xxxxxxxx
Part
No.
Pin 1
Pin 2
Pin 3
FS1117
-xxGJ GND/ADJ
OUT
(TAP)
IN
FS1117-xx x x
Package
Pin Out
J:SOT-223 1.GND 2.OUT 3.IN
Note : For the adjustable voltage types, the
GND pin is replaced with the ADJ pin
Package Type
G : G stands for Green-Package
Output Voltage
12 : 1.2V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
VR
: Adjustable Output
Note: The output voltages other than the
preset values are available by order
only.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com