| データシートサーチシステム |
|
LD5530GL データシート(PDF) 13 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD5530GL データシート(HTML) 13 Page - Leadtrend Technology |
|
13 / 16 page ![]() LD5530 13 Leadtrend Technology Corporation LD5530-DS-00 Oct. 2013 saturation; it would cause damage for acting beyond the maximum safety operating area. It ’s necessary to check the characteristic of MOSFET. VDS ID Ohmic Region Saturation Region VGS1 VGS2 VGS3 VGS4 VGS5 VGS5 > VGS4 > VGS3 > VGS2 > VGS1 Cut-off region Fig. 22 Output Short Circuit Protection (OSCP) – Auto Recovery The OSCP function is to prevent the damage from output short circuit. Once the output is shorted, Vo and VCC drop immediately. And according to the close loop control, COMP voltage will pull high in the meanwhile. If the VCOMP pulls high to over 4.5 V for over 15 ms and Vcc drops below 9 V. At this time, the OSCP protection will be triggered and turn off the gate driving. |