| データシートサーチシステム |
|
LD6801GL データシート(PDF) 2 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD6801GL データシート(HTML) 2 Page - Leadtrend Technology |
|
2 / 11 page ![]() LD6801 07/28/2015 2 Leadtrend Technology Corporation www.leadtrend.com.tw LD6801-DS-00 July 2016 Pin Configuration SOT-26 (TOP VIEW) YY, Y : Year code (D: 2004, E: 2005 …..) WW, W : Week code PP : Production code I01 : LD6801 1 2 3 4 5 6 VIN GND REF OVP OUT OCP YWI 01 pp Ordering Information Part number Package Top Mark Shipping LD6801 GL SOT-26 LD6801 GL 3000 /tape & reel The LD6801 is ROHS compliant/Green packaged. Protection Mode LED Short Protection LED Open Protection Internal OTP Auto recovery Auto recovery Auto recovery Pin Descriptions Pin NAME FUNCTION 1 VIN Power Supply for the device. Internal Zener Clamp for wide range LED light bar voltage. Connecting a RIN to LED anode for current limit and a capacitor to GND for filter out noise 2 GND Ground 3 REF LED Reference Voltage, It’s essential to connect REF pin with a SMD ceramic capacitor to filter the 100/120Hz ripple. 4 OCP LED current feedback and maximum LED current limit. 5 OUT This pin connects the MOSFET gate to regulate LED current ripple. 6 OVP Over voltage Protection for Short LED protection |