| データシートサーチシステム |
|
SYNPWM データシート(PDF) 41 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
SYNPWM データシート(HTML) 41 Page - Feeling Technology Corp. |
|
41 / 57 page ![]() FM8P73B Web site: http://www.feeling-tech.com.tw Rev1.0 Nov 20, 2013 P.41/FM8P73B FEELING TECHNOLOGY INCR Increment R Syntax: INCR R, d Operands: 0 R 0x6F d [0,1] Operation: R + 1 dest Status Affected: Z Description: The contents of register ‘R’ are increment. If ‘d’ is 0 the result is placed in the ACC register. If ‘d’ is 1 the result is stored back in register ‘R’. Cycles: 1 INCRSZ Increment R, Skip if 0 Syntax: INCRSZ R, d Operands: 0 R 0x6F d [0,1] Operation: R + 1 dest, skip if result = 0 Status Affected: None Description: The contents of register ‘R’ are increment. If ‘d’ is 0 the result is placed in the ACC register. If ‘d’ is the result is stored back in register ‘R’. If the result is 0, then the next instruction, which is already fetched, is discarded and a NOP is executed instead and making it a two-cycle instruction. Cycles: 1/2 IORAR OR ACC with R Syntax: IORAR R, d Operands: 0 R 0x6F d [0,1] Operation: ACC or R dest Status Affected: Z Description: Inclusive OR the ACC register with register ‘R’. If ‘d’ is 0 the result is placed in the ACC register. If ‘d’ is 1 the result is placed back in register ‘R’. Cycles: 1 IORIA OR Immediate with ACC Syntax: IORIA I Operands: 0 I 0xFF Operation: ACC or I ACC Status Affected: Z Description: The contents of the ACC register are OR’ed with the 8-bit immediate ‘I’. The result is placed in the ACC register. Cycles: 1 MOVAR Move ACC to R Syntax: MOVAR R Operands: 0 R 0x6F Operation: ACC R Status Affected: None Description: Move data from the ACC register to register ‘R’. Cycles: 1 |