| データシートサーチシステム |
|
RSP1-QFN データシート(PDF) 3 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
RSP1-QFN データシート(HTML) 3 Page - RFbeam Microwave GmbH |
|
3 / 25 page ![]() RFbeam Microwave GmbH RSP1 Radar Processor Datasheet 3 Sensor Configurations RSP1 Chip may be used with one or two sensors. Sensors can not be used in parallel, but as alternative sensor connected to the Alt_RADAR inputs. Inputs can be selected by parameter S01. Channels Sensor examples Comments 1 ("mono") K-LC1a, K-LC3 Lowest cost. Mostly used for indoor applications 2 ("stereo") K-LC2, K-LC5, K-LC6, K-MC1 Directional detection, excellent interference suppression Table 1: Sensor Configurations 3.1 Single channel vs Dual channel (I/Q) processing RSP1 can be operated with dual channel ("stereo") I/Q sensors as well as with one channel ("mono") sensors (see Table 1: Sensor Configurations). Feature Dual channel Single channel Directional detection (receeding / approaching) x Interference suppressin (fluorescence lights, vibrations and others) x Noise suppression (better sensitivity) x Lower cost x Table 2: Dual channel versus single channel comparison © RFbeam Microwave GmbH www.rfbeam.ch December 11, 2015 3/25 Fig. 2: Typical dual channel architecture Amp Sensitivity RSP1 Output Hold Time ADC ADC FFT I Q Direction + - digital serial debug K-LCx Radar Sensor Fig. 3: Typical single channel architecture K-LCx single channel Radar Sensor Amp Sensitivity RSP1 Output Hold Time ADC ADC FFT I digital serial debug |