| データシートサーチシステム |
|
MB90F337PFM データシート(PDF) 13 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
MB90F337PFM データシート(HTML) 13 Page - Fuji Electric |
|
13 / 84 page ![]() MB90335 Series 13 s s s s MEMORY MAP Memory Map of MB90335 Series Notes : • When the ROM mirror function register has been set, the mirror image data at higher addresses (“FF8000H to FFFFFFH” ) of bank FF is visible from the higher addresses (“008000H to 00FFFFH”) of bank 00. • For setting the ROM mirror function, see “16. ROM mirror function select module” in “s PERIPHERAL RESOURCES”. Reference : • The ROM mirror function is for using the C compiler small model. • The lower 16-bit addresses of bank FF are equivalent to those of bank 00. Since the ROM area in bank FF exceeds 48 Kbytes, however, the mirror image of all the data in the ROM area cannot be reproduced in bank 00. • When the C compiler small model is used, the data table mirror image can be shown at “008000H to 00FFFFH” by storing the data table at “FF8000H to FFFFFFH”. Therefore, data tables in the ROM area can be referenced without declaring the far addressing with the pointer. FFFFFFH 00FFFFH 007FFFH 007900H 007100H 008000H FF0000H 000100H 0000FBH 000000H FFFFFFH 00FFFFH 007FFFH 007900H 001100H 008000H FF0000H 000100H 0000FBH 000000H FFFFFFH 00FFFFH 007FFFH 007900H 001100H 008000H FF0000H 000100H 0000FBH 000000H MB90V330A MB90F337 MB90337 Single chip mode (ROM mirror function) Peripheral area ROM (FF bank) ROM area (image of FF bank) Register RAM area (28 Kbytes) Peripheral area Peripheral area ROM (FF bank) ROM area (image of FF bank) Register RAM area (4 Kbytes) Peripheral area Peripheral area ROM (FF bank) ROM area (image of FF bank) Register RAM area (4 Kbytes) Peripheral area Preliminary 2004.01.09 |