データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FP7151 データシート(PDF) 11 Page - Feeling Technology Corp.

部品番号 FP7151
部品情報  700mA LED Driver with Internal Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FEELING [Feeling Technology Corp.]
ホームページ  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP7151 データシート(HTML) 11 Page - Feeling Technology Corp.

Back Button FP7151 Datasheet HTML 5Page - Feeling Technology Corp. FP7151 Datasheet HTML 6Page - Feeling Technology Corp. FP7151 Datasheet HTML 7Page - Feeling Technology Corp. FP7151 Datasheet HTML 8Page - Feeling Technology Corp. FP7151 Datasheet HTML 9Page - Feeling Technology Corp. FP7151 Datasheet HTML 10Page - Feeling Technology Corp. FP7151 Datasheet HTML 11Page - Feeling Technology Corp. FP7151 Datasheet HTML 12Page - Feeling Technology Corp. FP7151 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
FP7151
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.63
11/13
PC Board Layout Checklist
1.
the capacitor C1 has to be placed as close as possible to VIN
2.
The sense resistor RS has to be placed as close as possible to VIN and ISENSE
3.
The D1 anode, the SW pin and the inductor L1 have to be placed as close as possible to
avoid ringing
Suggested Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13