| データシートサーチシステム |
|
FS72X データシート(PDF) 4 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS72X データシート(HTML) 4 Page - Feeling Technology Corp. |
|
4 / 10 page ![]() FS72X FS72XY This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product. Rev1.2 June. 29, 2009 P.4 FEELING TECHNOLOGY Absolute Maximum Ratings Parameter Symbol Conditions Values Unit Min. Typ. Max. Operating Temperature TOP - -20 105 ℃ Storage Temperature TST - -40 150 ℃ DC Supply Voltage VDD - 2.4 16 V Supply Current IDD - 10 mA Continuous Current IO(CONT) 50 mA Junction temperature TJ 150 ℃ Lead Temperature 10sec 260 ℃ Figure.4 255 ± 5 oC 10 ± 1 sec 150 ± 10 oC 90 ± 30 sec 2~5 oC /sec 2~5 oC /sec SECOND Soldering Condition |