データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS211F データシート(PDF) 9 Page - Feeling Technology Corp.

部品番号 FS211F
部品情報  2 PHASE DC MOTOR DRIVE IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FEELING [Feeling Technology Corp.]
ホームページ  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS211F データシート(HTML) 9 Page - Feeling Technology Corp.

Back Button FS211F Datasheet HTML 5Page - Feeling Technology Corp. FS211F Datasheet HTML 6Page - Feeling Technology Corp. FS211F Datasheet HTML 7Page - Feeling Technology Corp. FS211F Datasheet HTML 8Page - Feeling Technology Corp. FS211F Datasheet HTML 9Page - Feeling Technology Corp. FS211F Datasheet HTML 10Page - Feeling Technology Corp. FS211F Datasheet HTML 11Page - Feeling Technology Corp. FS211F Datasheet HTML 12Page - Feeling Technology Corp. FS211F Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev0.7 May. 29, 2009(LF)
P. 9 / FS211F
Technology
FS211F
FG Output: The Circuit Diagram of Open Collector Transistor
Figure 7 the small signal transistor output connected with the pull-up resistance is to limit the
current and confirm the voltage level of rotation speed. The situation of the long-time operation
with the high voltage or with the high current will do damage to the transistor and cause FG
malfunction.
Figure 8 illustrates the relation between dynamic magnetic field and FG.
1
R
FG output
VC
Pull-up resistance
Fig.7 FG Circuit Diagram
N pole
S pole
VFG
0
0V
(Depend on supply voltage)
Fig.8 FG Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13