データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FS220 データシート(PDF) 9 Page - Feeling Technology Corp.

部品番号 FS220
部品情報  2 Phase High Voltage DC Motor Driver IC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FEELING [Feeling Technology Corp.]
ホームページ  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FS220 データシート(HTML) 9 Page - Feeling Technology Corp.

Back Button FS220 Datasheet HTML 5Page - Feeling Technology Corp. FS220 Datasheet HTML 6Page - Feeling Technology Corp. FS220 Datasheet HTML 7Page - Feeling Technology Corp. FS220 Datasheet HTML 8Page - Feeling Technology Corp. FS220 Datasheet HTML 9Page - Feeling Technology Corp. FS220 Datasheet HTML 10Page - Feeling Technology Corp. FS220 Datasheet HTML 11Page - Feeling Technology Corp. FS220 Datasheet HTML 12Page - Feeling Technology Corp. FS220 Datasheet HTML 13Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
FS220
Technology
2 Phase High Voltage DC Motor Driver IC
Rev0.5 May 11, 2005(LF)
P9/FS220
Darlington-Pair Transistor Output
The figure 4 is the circuit diagram of Darlington-pair transistor. Under the heavy current
loading, the power loss of the high saturation voltage can be calculated into the following
formula:
Pc= (VBEQ1+VCE(SAT)Q2) * Io
According to the IC package and the curve of the power loss, the Pc should be applied to
and within the safety value.
60V is the voltage of Zener breakdown diode. However, if the voltage, excluding that of the
power supply, is more than 60V under the long-time operation, the diode will be destroyed.
2,3
Q2
+
_
+
_
V
B E
V
CE(SAT)
Q1
Fig.4 Darlington-pair Transistor Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13