| データシートサーチシステム |
|
FS220LF-B データシート(PDF) 2 Page - Feeling Technology Corp. |
|
|
|||||||||||||||||||||||||||||
FS220LF-B データシート(HTML) 2 Page - Feeling Technology Corp. |
|
2 / 13 page ![]() FS220 Technology 2 Phase High Voltage DC Motor Driver IC Rev0.5 May 11, 2005(LF) P2/FS220 Functional Block Diagram Regulator 4 2 3 1 AMP Hall Sensor Pre-driver MARK VIEW PIN DESCRIPTION NAME NO. STATUS DESCRIPTION VCC 1 P IC Power Supply NO 2 O Coil driver output It is low state during the N magnetic field. SO 3 O Coil driver output It is low state during the S magnetic field. GND 4 P IC Ground FTC S220. 1 2 3 4 |