データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XL1507 データシート(PDF) 8 Page - XLSEMI

部品番号 XL1507
部品情報  3A 150KHz 40V Buck DC to DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  XLSEMI [XLSEMI]
ホームページ  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI

XL1507 データシート(HTML) 8 Page - XLSEMI

Back Button XL1507 Datasheet HTML 4Page - XLSEMI XL1507 Datasheet HTML 5Page - XLSEMI XL1507 Datasheet HTML 6Page - XLSEMI XL1507 Datasheet HTML 7Page - XLSEMI XL1507 Datasheet HTML 8Page - XLSEMI XL1507 Datasheet HTML 9Page - XLSEMI XL1507 Datasheet HTML 10Page - XLSEMI XL1507 Datasheet HTML 11Page - XLSEMI XL1507 Datasheet HTML 12Page - XLSEMI  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Datasheet
3A 150KHz 40V Buck DC to DC Converter
XL1507
Rev 2.0
www.xlsemi.com
8
Test Circuit and Layout guidelines
Figure5. Standard Test Circuits and Layout Guides
Select R1 to be approximately 1K, use a 1% resistor for best stability.
C1 and CFF are optional; in order to increase stability and reduce the input power line noise, CIN
and C1 must be placed near to PIN1 and PIN3;
For output voltages greater than approximately 10V, an additional capacitor CFF is required. The
compensation capacitor is typically between 100 pf and 33 nf, and is wired in parallel with the
output voltage setting resistor, R2. It provides additional stability for high output voltage, low
input-output voltages, and/or very low ESR output capacitors, such as solid tantalum capacitors.
CFF=1/(31*1000*R2); This capacitor type can be ceramic, plastic, silver mica, etc. (Because of
the unstable characteristics of ceramic capacitors made with Z5U material, they are not
recommended.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com