| データシートサーチシステム |
|
MSM6789 データシート(PDF) 26 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
MSM6789 データシート(HTML) 26 Page - OKI electronic componets |
|
26 / 53 page ![]() MSM6789A/6789L ¡ Semiconductor APPLICATION CIRCUITS (for MSM6789A (5 V version)) (Continued) This is an application circuit example when the MSM6789A is used in stand-alone mode with one 4-Mbit DRAM, four 1-Mbit DRAMs (4-bit ¥ type), and two 2-Mbit serial voice ROMs. RECORDER IC MSM6789A 1-Mbit DRAM MSM514256B 2M Serial Voice ROM MSM6596A-XXX MSM6596A-XXX MSM514256B MSM514256B MSM514256B 4-Mbit DRAM MSM514400C |