| データシートサーチシステム |
|
FS501F データシート(PDF) 20 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS501F データシート(HTML) 20 Page - Fortune Semiconductor Corp. |
|
20 / 31 page ![]() Multiplexer and Pre-filter Multiplexers of INHMUX, INLMUX, VRHMUX, and VRLMUX can select the inputs of FTIN, INL, VRH, and VRL to the ADC. Where FTIN and INL are outputs. These two signals will go through a RC pre-filter and then are connected to the fully differential inputs, INH and INL, of the ADC. They can also bypass the RC filter by control of BPFTR and FTR, and are connected to the ADC directly. The control registers control all the selections. The control registers and the selections are shown in Tables 9, 10, 11, and 12. Table 9. Setting of INH Multiplexer Name SMV SGND ADRF ACBO CMPH AX2 AX3 SINH 0000 0011 0111 1000 1001 1011 1100 Table 10. Setting of INL Multiplexer Name SGND AX2 AX3 SINL 000 101 110 Table 11. Setting of VRH Multiplexer Name ADRF SMV AX3 SRFH 00 10 11 Table 12. Setting of VRL Multiplexer Name AGND SMV AX3 SRFL 000 011 100 Multiplexer CMPH (CMPHMUX) can select signals to op amp ACBUF. The control registers and selections are shown in Table 13. Table 13. Setting of CMPH Multiplexer Name SMV ADRF AX2 SGND AGND VRH VRL SCMPH 0000 0011 0101 1100 1101 1110 1111 Operation Amplifier (Op Amp) 1) ACBUF Op Amp Op amp of ACBUF, control switch of ACDIV and the external resistors can form a gain loop. |