| データシートサーチシステム |
|
FS9952_LP1 データシート(PDF) 29 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9952_LP1 データシート(HTML) 29 Page - Fortune Semiconductor Corp. |
|
29 / 31 page ![]() FS9952_LP1 Rev. 2.0 29/31 10 200k R30 100k VDDA C E B ADP Diagram 33 NPN-type Triode 15.18 Temperature Measurement VR4 10k T6 VR3 10k + _ 58 REFO 6 SGND 4 ADP 62 OP1O FS9952 RT3 10k RT2 180 R22 10k R21 90k R15 10k RT4 1M R29 100k K type J3 J9 J1 Diagram 34 Temperature Measurement (1) For the connection of the thermocouple in the diagram, the negative (-) end can be connected directly to the ground (AGND). When the thermocouple is not connected or damaged, it will display overload measurement (OL). VR4 10k T6 VR3 10k 58 REFO 6 SGND 4 ADP 62 OP1O FS9952 RT2 180 R22 10k R21 90k RT4 1M R15 10k RT1 100k RT3 10k + _ K type J3 J9 R29 100k J1 Diagram 35 Temperature Measurement (2) In the diagram, the connection of the thermocouple is more troublesome, but when the thermocouple is not connected or damaged, it will display the indoor temperature. |