| データシートサーチシステム |
|
SMP100LC-160 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SMP100LC-160 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 10 page ![]() SMP100LC 3/10 Table 4: Thermal Resistances Table 5: Electrical Characteristics (Tamb = 25°C) Symbol Parameter Value Unit Rth(j-a) Junction to ambient (with recommended footprint) 100 °C/W Rth(j-l) Junction to leads 20 °C/W Symbol Parameter VRM Stand-off voltage VBR Breakdown voltage VBO Breakover voltage IRM Leakage current IPP Peak pulse current IBO Breakover current IH Holding current VR Continuous reverse voltage IR Leakage current at VR C Capacitance Types IRM @ VRM IR @ VR Dynamic VBO Static VBO @ IBO IH CC max. max. max. max. max. min. typ. typ. note1 note 2 note 3 note 4 note 5 note 6 µAVµAV V V mA mA pF pF SMP100LC-8 2 6 5 825 15 800 50 (typ.) NA 75 SMP100LC-25 22 25 40 35 150 NA 65 SMP100LC-35 32 35 55 55 NA 55 SMP100LC-65 55 65 85 85 45 90 SMP100LC-90 81 90 120 125 40 80 SMP100LC-120 108 120 155 160 35 75 SMP100LC-140 120 140 185 190 30 65 SMP100LC-160 144 160 205 200 30 65 SMP100LC-200 180 200 255 250 30 60 SMP100LC-230 207 230 295 285 30 60 SMP100LC-270 243 270 345 335 30 60 SMP100LC-320 290 320 400 390 25 50 SMP100LC-360 325 360 460 450 25 50 SMP100LC-400 360 400 540 530 20 45 Note 1: IR measured at VR guarantee VBR min ≥ VR Note 2: see functional test circuit 1 Note 3: see test circuit 2 Note 4: see functional holding current test circuit 3 Note 5: VR = 50V bias, VRMS=1V, F=1MHz Note 6: VR = 2V bias, VRMS=1V, F=1MHz |