| データシートサーチシステム |
|
WS2813 データシート(PDF) 4 Page - WORLDSEMI CO., LIMITED |
|
|
|||||||||||||||||||||||||||||
WS2813 データシート(HTML) 4 Page - WORLDSEMI CO., LIMITED |
|
4 / 8 page ![]() WS2813 Intelligent control LED integrated light source 4 / 8 http://www.world-semi.com Sequence chart Cascade method 0 code 1 code RET code T0H T0L T1H T1L Treset DIN DIN DIN DO DO DO PIX1 D1 D2 D3 D4 PIX2 PIX3 Data Transmission Method Note: D1 is the data from MCU, and D2, D3, D4 are from Cascade Circuits. Composition of 24bit data G7 G6 G5 G4 G3 G2 G1 G0 R7 R6 R5 R4 R3 R2 R1 R0 B7 B6 B5 B4 B3 B2 B1 B0 Note: Data transmit in order of GRB, high bit data is first. Typical application circuit 1. Recommended application circuit Remarks: R1 is the IC’s protective resistance, power spike and reverse connection of the battery power terminal, will be protected, its range of 150R~390R. C1 is external filter capacitor, its value of 100NF. |