| データシートサーチシステム |
|
IP175G データシート(PDF) 38 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
IP175G データシート(HTML) 38 Page - List of Unclassifed Manufacturers |
|
38 / 69 page ![]() IP175G/GI/GH/GHI Data Sheet 38 / 69 November 27, 2012 Copyright © 2012, IC Plus Corp. IP175Gx-DS-R01.3 PHY MII R/W Description Default PCS status 1 Register 3.1[15:12] RO Reserved Ignore when read 0 3.1.11 RO/LH Tx LPI received 1 = Tx PCS has received LPI 0 = LPI not received 0 3.1.10 RO/LH Rx LPI received 1 = Rx PCS has received LPI 0 = LPI not received 0 3.1.9 RO Tx LPI indication 1 = Tx PCS is currently receiving LPI 0 = PCS is not currently receiving LPI 0 3.1.8 RO Rx LPI indication 1 = Rx PCS is currently receiving LPI 0 = PCS is not currently receiving LPI 0 3.1.7 RO Reserved Ignore on read 0 3.1.6 RO Clock stop capable 1 = The MAC may stop the clock during LPI 0 = Clock not stoppable 0 2 3 4 6 7 3.1[5:0] RO Reserved Ignore when read 0 PHY MII R/W Description Default EEE capability Register 3.20[15:7] RO Reserved Ignore when read 0 3.20.6 RO 10GBASE-KR EEE 1 = EEE is supported for 10GBASE-KR 0 = EEE is not supported for 10GBASE-KR 0 3.20.5 RO 10GBASE-KX4 EEE 1 = EEE is supported for 10GBASE-KX4 0 = EEE is not supported for 10GBASE-KX4 0 3.20.4 RO 1000BASE-KX EEE 1 = EEE is supported for 1000BASE-KX 0 = EEE is not supported for 1000BASE-KX 0 3.20.3 RO 10GBASE-T EEE 1 = EEE is supported for 10GBASE-T 0 = EEE is not supported for 10GBASE-T 0 3.20.2 RO 1000BASE-T EEE 1 = EEE is supported for 1000BASE-T 0 = EEE is not supported for 1000BASE-T 0 3.20.1 RO 100BASE-TX EEE 1 = EEE is supported for 100BASE-TX 0 = EEE is not supported for 100BASE-TX 1 2 3 4 6 7 3.20.0 RO Reserved Ignore when read 0 |